PART |
Description |
Maker |
HYB514171BJ-50 HYB514171BJ-50- HYB514171BJ-60 Q671 |
256k x 16 Bit FPM DRAM 5 V 60 ns 256k x 16 Bit FPM DRAM 5 V 50 ns 256k x 16-Bit Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
HYM72V8030GS-60 HYM72V8030GS-50 HYM72V8020GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Tools, Hand Crimp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
HYB314175BJ-50- HYB314175BJL-50 HYB314175BJ-60 HYB |
High-Speed Fully-Differential Amplifiers 8-MSOP-PowerPAD -40 to 85 3.3V56亩16位江户的DRAM 3.3V56亩16位江户与DRAM的低功率版本自刷 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh 3.3V 256 K x 16-Bit EDO-DRAM(3.3V 256K×16外延式数据输出(EDO)动态RAM)
|
http:// SIEMENS AG
|
HYB314405BJL-70 HYB314405BJL-60 HYB314405BJL-50 HY |
1M x 4 Bit EDO DRAM 3.3 V 50 ns 1M x 4 Bit EDO DRAM 3.3 V 60 ns -1M x 4-Bit Dynamic RAM 1M x 4 Bit EDO DRAM 3.3 V 70 ns 1M x 4-Bit Dynamic RAM (Hyper Page Mode (EDO) version) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
HYM364025GS-60 HYM364025GS-50 HYM364025S-60 HYM364 |
4M x 36-Bit EDO - DRAM Module 4米36位EDO公司-记忆体模 4M x 36-Bit EDO - DRAM Module 4M X 36 EDO DRAM MODULE, 60 ns, SMA72 4M x 36-Bit EDO - DRAM Module 4M X 36 EDO DRAM MODULE, 50 ns, SMA72 4M x 36 Bit EDO DRAM Module with Parity
|
INFINEON TECHNOLOGIES AG SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
HYM321005GS-60 HYM321005GS-50 HYM321005S-60 HYM321 |
From old datasheet system 1M x 32-Bit Dynamic RAM Module (Hyper Page Mode - EDO Version) 1M x 32 Bit DRAM Module 1M x 32 Bit EDO DRAM Module
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HYB314175BJL-60 HYB314175BJL-55 HYB314175BJL-50 HY |
256k x 16 Bit EDO DRAM 3.3 V 60 ns -3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh 3.3V 256 K x 16-Bit EDO-DRAM (Low power version with Self Refresh) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYM641020GS-70 HYM641020GS-60 HYM641010GS-70 HYM64 |
1M x 64 Bit DRAM Module buffered 1M x 64-Bit Dynamic RAM Module 1M X 64 FAST PAGE DRAM MODULE, 70 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
HYM322005GS-60 HYM322005GS-50 HYM322005S-60 HYM322 |
2M x 32-Bit Dynamic RAM Module 2M x 32 Bit EDO DRAM Module 2M x 32 Bit DRAM Module 2M x 32-Bit Dynamic RAM Module (Hyper Page Mode - EDO Version) From old datasheet system 2M x 32-Bit Dynamic RAM Module 2M X 32 EDO DRAM MODULE, 50 ns, SMA72
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q67100-Q1135 Q67100-Q1136 Q67100-Q1143 Q67100-Q112 |
3.3V 4M x 4-Bit EDO-Dynamic RAM 3.3 4米4位江户动态随机存储器 High-Speed Fully-Differential Amplifiers 8-SOIC -40 to 85 4M X 4 EDO DRAM, 70 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 50 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 70 ns, PDSO24
|
http:// SIEMENS A G SIEMENS AG
|